Part Number Hot Search : 
A6006 B2080 BZX84C16 T824R25 AM6080 DOC2745 TA1528A 000WD
Product Description
Full Text Search
 

To Download SRS20100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRS2020 - SRS20150
20.0 AMPS. Surface Mount Schottky Barrier Rectifiers D2PAK
Features
For surface mounted application Ideal for automated pick & place Low power loss, high efficiency High current capability, low VF High reliability Epitaxial construction Guard-ring for transient protection
Mechanical Data
Cases: D PAK molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds at terminals Weight: 1.70 grams
2
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRS SRS SRS Type Number
2020 2030
Maximum Ratings and Electrical Characteristics o
SRS 2050 SRS 2060 SRS 2090 SRS SRS 20100 20150
2040
Units V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10A
Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ Tc=25 C o @ Tc=100 C
o
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJC TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 20
60 42 60
90 63 90
100 70 100
150 105 150
200 0.55 0.5 15 600 -65 to +125 10 400 1.5 -65 to +150 0.70 0.92 0.1 5.0 350 1.02
V mA mA pF o C/W o C o C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range
Storage Temperature Range -65 to+150 Notes: 1. Thermal Resistance from Junction to Case Per Leg 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 70 -
Version: C07
RATINGS AND CHARACTERISTIC CURVES (SRS2020 THRU SRS20150)
FIG.1- FORWARD CURRENT DERATING CURVE
20.0 PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A) 300
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDEC METHOD) Tj=Tj max.
16.0
250
205 SR S
200
2 SRS
12.0
0-15
02 0 -40
150
0
8.0
100
4.0
50
0 0 50 100
o
150
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
CASE TEMPERATURE. ( C)
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER LEG
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
Tj=100
0
C
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
1.0
S2 0
20
-2
10
04 SR
06 0
0
50
.10
SR S2 0
1.0
SR
0 S2
90
01 -2
00 15 0
Tj=2
0 5C
-2
SR
0 S2
.01
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 INSTANTANEOUS FORW ARD VOLTAGE. (V) .001 0 20 40 60 80 100 120 140
0
PERCENT OF RATED PEAK REVERSE VOLT AGE. (%)
FIG.6- TYPICAL JUNCTION CAPACIT ANCE PER LEG
2000 JUNCTION CAPACITANCE.(pF) Tj=25 0C f=1.0MHz Vsig=50mVp-p TRANSIENT THERMAL IMPEDANCE. ( OC/W) 4000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
SRS2020-2040 1000 800 600 400 SRS2090-20150 200
10.0
SRS2050-2060
1
100 0.1
0.4
1 4 10 REVERSE VOLTAGE. (V)
40
80100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: C07


▲Up To Search▲   

 
Price & Availability of SRS20100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X